PART |
Description |
Maker |
ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-T |
50OHM/ DC to 18 GHz 50OHM / DC to 18 GHz 50OHM, DC to 18 GHz 50OHM, DC to 18 GHz
|
RF连接 MINI[Mini-Circuits] http://
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ADAPTENUATORS SM-BM-6 NF-BF-10 NF-BF-3 NF-BF-6 NF- |
50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators 50OHM/ 3/6/10 dB/ DC to 2000 MHz Adaptenuators 50OHM / 3 /6 /10 dB / DC to 2000 MHz Adaptenuators
|
衰减 MINI[Mini-Circuits]
|
VNA-21 |
Temp.: -25C to 70C/40C to 70C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Regulated, Switching Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
|
MINI[Mini-Circuits]
|
3W512 |
Balun 50ohm to 12.5ohm Balanced
|
Anaren Microwave
|
FAR-F5KA-836M50-D4DF |
CDMA / GSM850 Tx (50/50ohm Unbalance)
|
Fujitsu Component Limited.
|
RFP-800-50T |
Flanged Terminations 800 Watts, 50ohm
|
Anaren Microwave
|
SY55851UKITR SY55851UKGTR SY55851AUKITR SY55851AUK |
2.5V/3V, 3.0GHz CML AnyGate ANY LOGIC WITH 50ohm or 100ohm OUTPUTS
|
Micrel Semiconductor,Inc.
|
EK-42632-01 PE42632DTI PE42632 PE42632DBI |
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
|
PEREGRINE[Peregrine Semiconductor Corp.]
|